Part Number Hot Search : 
DRP3510 2SK3001 GA251 KE39A MJE5180 C1706 NCS2200 0M100
Product Description
Full Text Search
 

To Download TS431BIYLT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  august 2010 doc id 5558 rev 7 1/13 13 ts431 low voltage adjustable shunt reference features low voltage operation: 1.24 to 6 v 2 %, 1 % and 0.5 % voltage precision wide operating range cathode current: 60 a to 30 ma low output impedance: 0.2 typically stable for any capacitive loads esd protection: ? human body model: 2 kv ? machine model: 200 v 100 ppm/c temperature coefficient description the ts431 is a low-volt age, three-terminal, programmable shunt voltage reference. the output voltage can be set to any value between v ref (1.24 v) and 6 v with two external resistors. the ts431 is able to operate at a lower voltage (1.24 v) and lower cathode current than the widely used tl431 and tl1431 shunt voltage reference. when driving an optocoupler, the ts431 is particularly useful for regulating 3.3 v switching power supplies. l sot23-5 (plastic micropackage) z to92 (plastic package) www.st.com
absolute maximum ratings and operating conditions ts431 2/13 doc id 5558 rev 7 1 absolute maximum ratings and operating conditions table 1. absolute maximum ratings symbol parameter value unit v ka cathode to anode voltage 10 v i k continuous cathode current range -20 to +40 ma i ref reference input current range -0.05 to +3 ma p d power dissipation (1) to92 package sot23-5 package 1. t junction = 150 c, t amb = 25 c with r thja = 200 c/w for to92 package and r thja = 250 c/w for sot23-5l package 625 500 mw t stg storage temperature range -65 to +150 c table 2. operating conditions symbol parameter value unit v ka cathode to anode voltage 1.24 to 6 v i k cathode current 0.06 to 30 ma t oper operating free air temperature range -40 to +125 c
ts431 electrical characteristics doc id 5558 rev 7 3/13 2 electrical characteristics 2.1 definition of output voltag e change over temperature range v ref is defined as the difference between the maximum and minimum values obtained over the full temperature range. v ref = v ref max - v ref min figure 1. output voltage change over temperature range table 3. t amb = 25c (unless otherwise specified) symbol parameter test conditions min. typ. max. unit v ref output voltage v ka = v ref @ i k = 100 a ts431 ts431a ts431b 1.215 1.228 1.234 1.240 1.265 1.252 1.246 v v ref output voltage change (1) (2) i k = 100 a, v ka = v ref 0 < t amb < +70c -40 < t amb < +85c -40 < t amb < +105c -40 < t amb < +125c 9 16 18 21 mv ratio of change in reference input voltage to change in cathode to anode voltage i k = 10ma v ka = 6v to v ref 1.8 2.7 mv/v i ref reference input current i k = 10ma 70 160 na i ref reference input current deviation over temperature range i k =10ma, r 1 =10k , r 2 = -40 < t amb < +85c -40 < t amb < +125c 70 90 160 240 na i min minimum cathode current for regulation v ka = v ref 40 60 a i off off-state cathode current v ka = 6v, v ref = 0 0.001 0.1 a r ka static impedance v ka = v ref , i k = 0.1 to 15ma 0.2 0.4 1. limits are 100% production tested at 25c. behavior at the temperature range limits is guaranteed through correlation and by design. 2. see definition below. vref vka ---------------- t1 t2 temperature vref min. vref max.
electrical characteristics ts431 4/13 doc id 5558 rev 7 figure 2. reference voltage vs. temperature figure 3. test circuit for v ka = v ref -40 -20 0 20 40 60 80 100 120 temperature (c) 1.228 1.232 1.236 1.24 1.244 1.248 1.252 reference voltage (v) vka = vref ik = 100 a input vka vref ik output figure 4. cathode voltage vs. cathode current figure 5. cathode voltage vs. cathode current -1 -0.5 0 0.5 1 1.5 vka cathode voltage (v) -15 -10 -5 0 5 10 15 ika cathode current (ma) vka = vref t = 25c 0 102030405060 ika cathode current (a) 0 0.5 1 1.5 vka cathode voltage (v) -40c +25c +85c +125c figure 6. reference input current vs. temperature figure 7. static impedance vs. temperature -40 -20 0 20 40 60 80 100 120 temperature (c) 0 20 40 60 80 100 iref reference current (na) ik = 10ma r1 = 10 k r2 = + -40 -20 0 20 40 60 80 100 120 temperature (c) 0 0.1 0.2 0.3 0.4 rka static impedance (ohms) vka = vref ik = 100a to 15ma
ts431 electrical characteristics doc id 5558 rev 7 5/13 figure 8. off-state current vs. temperature figure 9. test circuit for off-state current measurement -40 -20 0 20 40 60 80 100 120 temperature (c) 0 50 100 150 200 ioff off-state current (na) input vka=6v ioff figure 10. ratio of change in reference input voltage to change in v ka voltage vs. temperature figure 11. test circuit for v ka > v ref -40-20 0 20406080100120 temperature (c) -3 -2 -1 0 ratio of change in reference input voltage (mv/v) ik = 10ma vka = 6v to vref input ik vka = vref . (1+r1/r2) + iref . r1 vka r1 r2 iref vref figure 12. phase and gain vs. frequency figure 13. test circuit for phase and gain measurement 1e+3 1e+4 1e+5 1e+6 frequency (hz) 0 10 20 30 40 50 60 gain (db) -150 -100 -50 0 50 100 150 phase () phase margin # 50 gain phase input vref ik=100a output 10f 10f 6.8k 4.3k
electrical characteristics ts431 6/13 doc id 5558 rev 7 figure 14. pulse response at i k = 100 a figure 15. test circuit for pulse response at i k = 100 a 012345678910 time (s) 0 1 2 3 input and output voltage (v) input voltage output voltage ik=100a output 50 18k pulse generator f=100khz intput figure 16. pulse response at i k = 1ma figure 17. test circuit for pulse response at i k = 1 ma figure 18. equivalent input noise vs. frequency 01234567 time (s) 0 1 2 3 input and output voltage (v) input voltage output voltage ik=1ma output 50 1.8k pulse generator f=100khz intput 0.1 1 10 100 1000 frequency (khz) 0 50 100 150 200 250 equivalent input noise (nv/vhz) vka = vref ik = 100 a t=25c
ts431 package information doc id 5558 rev 7 7/13 3 package information in order to meet environmental requirements, st offers these devices in different grades of ecopack ? packages, depending on their level of environmental compliance. ecopack ? specifications, grade definitions and product status are available at: www.st.com . ecopack ? is an st trademark.
package information ts431 8/13 doc id 5558 rev 7 table 4. sot23-5 package mechanical data ref. dimensions millimeters inches min. typ. max. min. typ. max. a 0.90 1.45 0.035 0.057 a1 0.00 0.15 0.00 0.006 a2 0.90 1.30 0.035 0.051 b 0.35 0.50 0.014 0.02 c 0.09 0.20 0.003 0.008 d 2.80 3.00 0.110 0.118 h 2.60 3.00 0.102 0.118 e 1.50 1.75 0.059 0.069 e 0.95 0.037 e1 1.9 0.075 l 0.35 0.55 0.014 0.022 .
ts431 package information doc id 5558 rev 7 9/13 figure 19. to92 (tape ammopack and tape and reel) package data dim. millimeters inches min. typ. max. min. typ. max. al 5.0 0.197 a 5.0 0.197 t 4.0 0.157 d 0.45 0.018 i1 2.5 0.098 p 11.7 12.7 13.7 0.461 0.500 0.539 po 12.4 12.7 13 0.488 0.500 0.512 p2 5.95 6.35 6.75 0.234 0.250 0.266 f1/f2 2.4 2.5 2.8 0.094 0.098 0.110 h -1 0 1 -0.039 0 0.039 p -1 0 1 -0.039 0 0.039 w 17.5 18.0 19.0 0.689 0.709 0.748 w0 5.7 6 6.3 0.224 0.236 0.248 w1 8.5 9 9.75 0.335 0.354 0.384 w2 0.5 0.020 h200.787 h0 15.5 16 16.5 0.610 0.630 0.650 h1 25 0.984 do 3.8 4.0 4.2 0.150 0.157 0.165 l1 11 0.433 a1 p p a t h h1 h l1 d i1 h0 w2 w0 w1 w d0 f1 f2 p2 p0
package information ts431 10/13 doc id 5558 rev 7 figure 20. to92 (bulk) package mechanical data dim. millimeters inches min. typ. max. min. typ. max. l 1.27 0.05 b 3.2 3.7 4.2 0.126 0.1457 0.1654 o1 4.45 5.00 5.2 0.1752 0.1969 0.2047 c 4.58 5.03 5.33 0.1803 0.198 0.2098 k12.7 0.5 o2 0.407 0.5 0.508 0.016 0.0197 0.02 a 0.35 0.0138
ts431 ordering information doc id 5558 rev 7 11/13 4 ordering information table 5. order codes order codes temperature range packages packing marking ts431ilt -40c, + 125c sot23-5 tape and reel l272 ts431ailt l271 ts431bilt l270 ts431iylt (1) sot23-5 (automotive grade level) l274 ts431aiylt (1) l276 TS431BIYLT (1) l273 ts431iz/izt/iz-ap to92 bulk (z), tape and reel (zt) or ammo pack (ap) ts431i ts431aiz/aizt/aiz-ap ts431ai ts431biz/bizt/biz-ap ts431bi 1. qualification and characterization according to aec q100 and q003 or equivalent, advanced screening according to aec q001 & q 002 or equivalent are on-going.
revision history ts431 12/13 doc id 5558 rev 7 5 revision history table 6. document revision history date revision changes 1-sep-2003 1 initial release. 1-oct-2005 2 ppap references inserted in the datasheet. see the order codes table. minor changes to formatting and grammar. 2-jan-2006 3 ts431aiylt ppap reference inserted. see the order codes table. 22-sep-2006 4 included footnote on automotive grade qualification to order codes table. updated package information (changed mils to inches). 25-apr-2007 5 resized graphics on cover page. moved definition of outpu t voltage change from ta b l e 3 footnote to separate section below table. corrected errors in sot23-5 package mechanical data. removed erroneous drawing for to92 tape & reel package. 30-aug-2007 6 updated drawing for to92 bulk package. modified footnote related to automotive grade qualification in table 5: order codes , and re-ordered order codes. 27-aug-2010 7 modified note for package sot23-5 on page 1 .
ts431 doc id 5558 rev 7 13/13 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a parti cular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. unless expressly approved in writing by an authorized st representative, st products are not recommended, authorized or warranted for use in milita ry, air craft, space, life saving, or life sustaining applications, nor in products or systems where failure or malfunction may result in personal injury, death, or severe property or environmental damage. st products which are not specified as "automotive grade" may only be used in automotive applications at user?s own risk. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2010 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - philippines - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of TS431BIYLT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X